PART |
Description |
Maker |
IDTIPGG5V9882T IDT5V9882T |
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
|
Integrated Device Technology
|
IDT5V49EE702 5V49EE702NDGI 5V49EE702NDGI8 |
EEPROM PROGRAMMABLE CLOCK GENERATOR
|
Integrated Device Technology
|
IDT5V49EE704 5V49EE704NDGI8 |
EEPROM PROGRAMMABLE CLOCK GENERATOR
|
Integrated Device Technology
|
5V19EE904NLGI 5V19EE904NLGI8 IDT5V19EE904 |
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
|
Integrated Device Technology
|
CY27EE16FZEC CY27EE16FZECT CY27EE16FZEI CY27EE16FZ |
1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM 1锁相环在系统可编程时钟发生器与个6K的EEPROM
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
5962-8764901ZX 5962-8764903ZX 5962-8764901YA 5962- |
True RMS-to-DC Converters Pin-Programmable Precision Voltage Reference x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM
|
Kingbright, Corp.
|
AT90SC9636R |
AT90SC9636R Summary [Updated 06/03. 3 Pages] Summary of the AT90SC9636R giving the key features. a brief description and a block diagram. Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 36K Byte EEPROM, programmable internal oscillator. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out
|
Atmel
|
CY2213 CY2213ZC-1 CY2213ZC-1T CY2213ZC-2 CY2213ZC- |
High-Frequency Programmable PECL Clock Gener ator High-Frequency Programmable PECL Clock Generator 500 MHz, OTHER CLOCK GENERATOR, PDSO16
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
X28HC256P-12 X28HC256P-15 X28HC256J-90 X28HC256S-1 |
5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 150 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 120 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CQCC32 SWITCH SLIDE 2MM HORIZONTAL SMD 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDIP28 RACK DESK SOLID BLACK 1.75X19X8,1 32K X 8 EEPROM 5V, 70 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CPGA28 Continuity Tester RoHS Compliant: NA 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDFP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CQCC32 Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 1000uF; Voltage: 50V; Case Size: 12.5x25 mm; Packaging: Bulk
|
Intersil, Corp. Intersil Corporation
|
ICS94215 ICS94215YF-T |
Programmable System Clock Chip for AMD - K7⑩ Processor KX/KT133 Single Chip Clock with differential CPU Clocks Programmable System Clock Chip for AMD - K7 Processor
|
ICST[Integrated Circuit Systems]
|
ISL12026IVZ-T ISL12026AIVZ |
Real Time Clock/Calendar with EEPROM REAL TIME CLOCK, PDSO8 Real Time Clock/Calendar with I2C Bus™ and EEPROM; Temperature Range: -40°C to 85°C; Package: 8-TSSOP REAL TIME CLOCK, PDSO8
|
Intersil, Corp.
|
CY22150ZI-XXX CY22150ZC-XXX CY22150 |
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator(通用单个锁相环Flash可编程和2-Wire连续可编程时钟发生器)
|
Cypress Semiconductor Corp.
|